PART |
Description |
Maker |
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Quad Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 14-TSSOP 0 to 70 SINGLE PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-PDIP -40 to 125
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
APX321SEG-7 APX358SG-13 APX358M8G-13 APX324TSG-13 |
Low Voltage, Rail-to-Rail Input and Output Dual Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Quad Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO5
|
Diodes Incorporated
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 3.0A SINGLE - PHASE SILICON BRIDGE 3.0A的单-相硅
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp.
|
KM4270 KM4270IC8 KM4270IM8 KM4270IM8TR3 KM4270IC8T |
XTAL MTL SMT HC49/USM 双路,低成本.7VV的,轨对轨输输出放大 Dual/ Low Cost/ 2.7V and 5V/ Rail-to-Rail I/O Amplifier Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032A |
2.7 V/ 800 uA/ 80 MHz Rail-to-Rail I/O Amplifiers 2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers Rail-to-Rail I/O Amplifiers (Single Amplifier)
|
http:// ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|